Part Number Hot Search : 
L6926Q1 1205D FX365A MPSH17 LTC1060S PE83511 5AT0W 2SK2613
Product Description
Full Text Search
 

To Download 1N5251B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
ZENER DIODES
1N5221B - - - 1N5279B
POWER DISSIPATION: 500 mW
DO-35(GLASS)
Silicon planar power zener diodes Standard Zener voltage tolerance is 5%. With a "B" suffix. Other tolerances are available upon request.
MECHANICAL DATA
Case:DO-35, Glass Case Terminals: Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Marking: Type Number Approx. Weight: 0.13 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SYMBOL
Zener current (see Table "Characteristics")
VALUE
UNIT
Pow er dissipation at Tamb=25
Ptot TJ Ts
5001) 175 -55---+175
mW
Junction temperature
Storage temperature range
SYMBOL
Thermal resistance junction to ambient
MIN
TYP
MAX
3001) 1.2
UNIT
/W
RJA VF
Forw ard voltage at IF=200mA
V
www.galaxycn.com
NOTES: (1) Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature.
Document Number 0284001
BLGALAXY ELECTRICAL
1.
ELECTRICAL CHARACTERISTICS
Nominal Zener Voltage1) Type VZ V
1N5221B 1N5222B 1N5223B 1N5224B 1N5225B 1N5226B 1N5227B 1N5228B 1N5229B 1N5230B 1N5231B 1N5232B 1N5233B 1N5234B 1N5235B 1N5236B 1N5237B 1N5238B 1N5239B 1N5240B 1N5241B 1N5242B 1N5243B 1N5244B 1N5245B 1N5246B 1N5247B 1N5248B 1N5249B 1N5250B 1N5251B 1N5252B 1N5253B 1N5254B 1N5255B 1N5256B 1N5257B 1N5258B 1N5259B 1N5260B 1N5261B 1N5262B 1N5263B 1N5264B 1N5265B 1N5266B 1N5267B 1N5268B 1N5269B 1N5270B 1N5271B 1N5272B 1N5273B 1N5274B 1N5275B 1N5276B 1N5277B 1N5278B 1N5279B
1)
(TA=25ae)
Test Current IZT mA
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 10 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.1 2.0 1.8 1.7 1.5 1.4 1.4 1.3 1.1 1.0 0.95 0.90 0.95 0.80 0.74 0.68
Maximum Dynamic Impedance1) ZZT@IZT
30 30 30 30 29 28 24 23 22 19 17 11 7.0 7.0 5.0 6.0 8.0 8.0 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 105 125 150 170 185 230 270 330 370 400 500 750 900 1100 1300 1500 1700 1900 2200
Typical Temperature of Coeffizient VZ@IZT %/ae
-0.085 -0.085 -0.080 -0.080 -0.075 -0.070 -0.065 -0.060 -0.055 (c)0.030 (c)0.030 (c)0.038 (c)0.038 (c)0.045 (c)0.050 (c)0.058 (c)0.062 (c)0.065 (c)0.068 (c)0.075 (c)0.076 (c)0.077 (c)0.079 (c)0.082 (c)0.082 (c)0.083 (c)0.084 (c)0.085 (c)0.086 (c)0.086 (c)0.087 (c)0.087 (c)0.089 (c)0.090 (c)0.091 (c)0.091 (c)0.092 (c)0.093 (c)0.094 (c)0.095 (c)0.095 (c)0.096 (c)0.096 (c)0.097 (c)0.097 (c)0.097 (c)0.098 (c)0.098 (c)0.099 (c)0.099 (c)0.099 (c)0.11 (c)0.11 (c)0.11 (c)0.11 (c)0.11 (c)0.11 (c)0.11 (c)0.11
Maximum Reverse Leakage Current IRM A
100 100 75 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
ZZK@ IZK=0.25mA
1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1400 1600 1700 2000 2200 2300 2600 3000 4000 4500 4500 5000 5500 5500 6000
VR V
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36 39 43 46 47 52 56 62 68 69 76 84 91 99 106 114 122 129 137
www.galaxycn.com
2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 85 87 91 100 110 120 130 140 150 160 170 180
Based on dc-measurement at thermal equilibrium; lead length=9.5(3/8");thermal resistance of heat sink=30K/W
Document Number 0284001
BLGALAXY ELECTRICAL
2.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- BREAKDOWN CHARACTERISTICS
1N5221B - - - 1N5279B
mA 50
5
10
15
20
25
30 V
40
IZ
30 Test current Iz=20mA
20
10
0
FIG.2 -- ADMISSIBLE POWER DISSIPATION VERSUS AMBIENT TEMPERATURE
1N5224
1N5228
1N5229
1N5235 1N5234 1N5232 1N5231 1N5230
1N5239
1N5241
1N5242
1N5245
VZ
1N5250
1N5252
mW 500
400 Ptot
300
200
100
0 0 100 Tamb 200ae
www.galaxycn.com
Document Number 0284001
BLGALAXY ELECTRICAL
3.


▲Up To Search▲   

 
Price & Availability of 1N5251B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X